|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
W26NM50 - N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STW12NK90Z | N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB10NK60Z | N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STW45NM50 | N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STW45NM60 | N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmes TM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| NTD4815NH | Power MOSFET 30 V 35 A Single N-Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| 2SK3600-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| IXTQ50N20P | PolarHT Power MOSFET N-Channel Enhancement Mode | 1 2 3 4 5 | IXYS Corporation |
| 2SK3604-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| 2SK3613-01 | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| 2SK3646-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|