Electronic Components Datasheet Search |
|
STW16NB60 Datasheet (PDF) - STMicroelectronics |
STW16NB60 Datasheet (PDF) |
Download Datasheet |
Part # | STW16NB60 |
Download | STW16NB60 Click to download |
File Size | 252.37 Kbytes |
Page | 8 Pages |
Manufacturer | STMICROELECTRONICS [STMicroelectronics] |
Direct Link | http://www.st.com |
Logo | |
Description | N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh??MOSFET |
STW16NB60 Datasheet (HTML) - STMicroelectronics |
STW16NB60 Product details |
|
Similar Part No. - STW16NB60 |
|
Similar Description - STW16NB60 |
|
About STMicroelectronics |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |