|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N6051 - POWER TRANSISTORS(12A,150W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FRE460D | 12A 500V 0.410 Ohm Rad Hard N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| RFM12N18 | 12A 180V and 200V 0.250 Ohm N-Channel Power MOSFETs | 1 2 3 4 | Intersil Corporation |
| RFD3055 | 12A 60V Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs MegaFETs | 1 2 3 4 5 More | Harris Corporation |
| 2N5884 | COMPLEMENTARY SILICON HIGH POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| 2SC2921 | POWER TRANSISTORS 15A 160V 150W | 1 2 3 | Mospec Semiconductor |
| BD243B | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| BUZ72A | N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| LET9045S | RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package | 1 2 3 4 5 More | STMicroelectronics |
| BDX87C | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| MJD31B | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 5 | STMicroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|