Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX20ASJ-2 Datasheet (PDF) - Renesas Technology Corp

FX20ASJ-2 Datasheet PDF - Renesas Technology Corp
Part # FX20ASJ-2
Download  FX20ASJ-2 Download

File Size   172.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed Switching Use Pch Power MOS FET

FX20ASJ-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX20ASJ-2 Datasheet PDF - Renesas Technology Corp

Part # FX20ASJ-2
Download  FX20ASJ-2 Click to download

File Size   172.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed Switching Use Pch Power MOS FET

FX20ASJ-2 Datasheet (HTML) - Renesas Technology Corp

FX20ASJ-2 Datasheet HTML 1Page - Renesas Technology Corp FX20ASJ-2 Datasheet HTML 2Page - Renesas Technology Corp FX20ASJ-2 Datasheet HTML 3Page - Renesas Technology Corp FX20ASJ-2 Datasheet HTML 4Page - Renesas Technology Corp FX20ASJ-2 Datasheet HTML 5Page - Renesas Technology Corp FX20ASJ-2 Datasheet HTML 6Page - Renesas Technology Corp FX20ASJ-2 Datasheet HTML 7Page - Renesas Technology Corp

FX20ASJ-2 Product details

Features
• Drive voltage : 4 V
• VDSS : – 100 V
• rDS(ON) (max) : 0.26 Ω
• ID : – 20 A
• Integrated Fast Recovery Diode (TYP.) : 100 ns
   
Applications
    Motor control, Lamp control, Solenoid control, DC-DC converters, etc.
   




Similar Part No. - FX20ASJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX20ASJ-2 MITSUBISHI-FX20ASJ-2 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FX20ASJ-2 POWEREX-FX20ASJ-2 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FX20ASJ-2 ISC-FX20ASJ-2 Datasheet
379Kb / 2P
   isc P-Channel MOSFET Transistor
More results


Similar Description - FX20ASJ-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-2 RENESAS-FX6KMJ-2 Datasheet
210Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com