|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RJK1021DPE - N-Channel Power MOSFET High-Speed Switching Use - Renesas Technology Corp |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| RJK1008DPE | N-Channel Power MOSFET High-Speed Switching Use | 1 2 3 4 5 More | Renesas Technology Corp |
| RJK1008DPN | N-Channel Power MOSFET High-Speed Switching Use | 1 2 3 4 5 More | Renesas Technology Corp |
| RJK1008DPP | N-Channel Power MOSFET High-Speed Switching Use | 1 2 3 4 5 More | Renesas Technology Corp |
| 2SK2499 | SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE | 1 2 3 4 5 More | NEC |
| NP88N04EHE | MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | NEC |
| 2SK2275 | SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE | 1 2 3 4 5 More | NEC |
| MCH6422 | N-Channel Silicon MOSFET General-Purpose Switching Device Applications | 1 2 3 4 | Sanyo Semicon Device |
| SCH2401 | N-Channel Silicon MOSFET General-Purpose Switching Device | 1 2 3 4 | Sanyo Semicon Device |
| IRFP140 | 31A 100V 0.077 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|