|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N3055 - POWER TRANSISTORS(15A,50V,115W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RFD15P05 | 15A 50V 0.150 Ohm P-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| RFP15N05L | 15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| RFP15N05L | 15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs | 1 2 3 4 5 | Intersil Corporation |
| MRF951 | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | 1 2 3 4 5 | Microsemi Corporation |
| RFP15N08L | 15A 80V 0.140 Ohm Logic Level N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| BUZ71A | N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| 2N4921 | 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS | 1 2 3 4 5 More | ON Semiconductor |
| RFD14N05 | 14A 50V 0.100 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| RFD8P05 | 8A 50V 0.300 Ohm P-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| BUZ11 | 30A 50V 0.040 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|