|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
33982 - Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm) - Freescale Semiconductor, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 33982B | Single Intelligent High-Current Self-Protected Silicon High-Side Switch 2.0 mohm | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| IPS6011PBF | INTELLIGENT POWER HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| BD2041AFJ | Silicon monolithic integrated circuit USB high side switch IC | 1 2 3 4 5 More | Rohm |
| BD2045AFJ | Silicon monolithic integrated circuit USB high side switch IC | 1 2 3 4 5 More | Rohm |
| BD2051AFJ | Silicon monolithic integrated circuit USB high side switch IC | 1 2 3 4 5 More | Rohm |
| IPS6021 | INTELLIGENT POWER HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| BD2055AFJ | Silicon monolithic integrated circuit USB high side switch IC | 1 2 3 4 5 More | Rohm |
| IPS6021PBF | INTELLIGENT POWER HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| IPS6031 | INTELLIGENT POWER HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 |
Link URL |
|
|