|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMA2201EG - Low G Micromachined Accelerometer - Freescale Semiconductor, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMA2244EG | Low G Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA1260EG | Low G Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA1250EG | Low G Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA1270EG | Low G Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA1220 | Low G Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA1260 | Low G Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| 74LCX162541 | Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs | 1 2 3 4 5 More | STMicroelectronics |
| MMA6280QT | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6281QT_07 | ±2.5g - 10g Two Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|