|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ST3243CPR - 3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ST3241EB_07 | ±15 kV ESD protected 3 to 5.5 V 400 kbps RS-232 transceiver with auto-power-down | 1 2 3 4 5 More | STMicroelectronics |
| ST3237EB_07 | ± 15 kV ESD protected 1 μA 3 to 5.5 V 250 kbps RS-232 transceiver with stand-by | 1 2 3 4 5 More | STMicroelectronics |
| ST3232B_08 | 3 to 5.5 V low power up to 400 kbps RS-232 drivers and receivers | 1 2 3 4 5 More | STMicroelectronics |
| MAX3318E | 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION | 1 2 3 4 5 More | Texas Instruments |
| MAX3318 | 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION | 1 2 3 4 5 More | Texas Instruments |
| MAX3386E_06 | RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE | 1 2 3 4 5 More | Texas Instruments |
| TRS3253E | RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 |
Link URL |
|
|