|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5252B - Zener Diodes - Fairchild Semiconductor |
|
Click 1N5252B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N935BUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | Microsemi Corporation |
| SZ1A3.3 | 1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES | Solid States Devices, Inc |
| ZPD1_07 | Silicon Planar Zener Diodes | Diotec Semiconductor |
| 3EZ11_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | Pan Jit International Inc. |
| BZM55-C2V4 | SURFACE MOUNT ZENER DIODES | Pan Jit International Inc. |
| BZX784C2V4 | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| BZX84C2V7 | 350 mW ZENER DIODES 2.7V to 51V | First Components International |
| ZMM55C | 0.5W SILICON PLANAR ZENER DIODES | Daesan Electronics Corp. |
| 1N5333B | ZENER DIODES | Galaxy Semi-Conductor Holdings Limited |
| LBZX84XXXXLT1G | Zener Voltage Regulator Diodes | Leshan Radio Company |
Link URL |
|
|
Related keyword |
| 1N5252B Datasheet | 1N5252B Cross Reference | 1N5252B Schematic | 1N5252B Distributor | 1N5252B Datenblatt | 1N5252B RoHS |
| 1N5252B Equivalent | 1N5252B Application Notes | 1N5252B Data Sheet | 1N5252B component | 1N5252B Fiche Technique | 1N5252B Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |