|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDS8958A - Dual N & P-Channel PowerTrenchO MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDS9933BZ | Dual P-Channel 2.5V Specified PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SI4925BDY | Dual P-Channel 30-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| FDS8958A_07 | Dual N and P-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| ZXMD65P02N8_04 | DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 | Zetex Semiconductors |
| SI9934DY | Dual P-Channel 2.5-V G-S MOSFET | 1 2 3 4 5 | Vishay Siliconix |
| FDY1002PZ | Dual P-Channel -1.5 V Specified PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SI5943DU | Dual P-Channel 12-V D-S MOSFET | 1 2 3 | Vishay Siliconix |
| FDW2502P_03 | Dual P-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| NTGD4161P_06 | Power MOSFET -30 V -2.3 A Dual P-Channel TSOP-6 | 1 2 3 4 5 | ON Semiconductor |
| NDS9947_02 | Dual 20V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|