|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4728A_07 - Zener Diodes - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N935BUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| SZ1A3.3 | 1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| ZPD1_07 | Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| 3EZ11_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZM55-C2V4 | SURFACE MOUNT ZENER DIODES | 1 2 3 | Pan Jit International Inc. |
| BZX784C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZX84C2V7 | 350 mW ZENER DIODES 2.7V to 51V | 1 2 | First Components International |
| ZMM55C | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 | Daesan Electronics Corp. |
| 1N5333B | ZENER DIODES | 1 2 3 4 5 | Galaxy Semi-Conductor Holdings Limited |
| LBZX84XXXXLT1G | Zener Voltage Regulator Diodes | 1 2 3 4 5 More | Leshan Radio Company |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|