|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FFH60UP40S - 60A, 400V UItrafast Rectifier - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBL6030PT_1 | 60A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR6030PT_3 | 60A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SDR6006HF | 60A 35nsec 400 to 600 V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| STTH16003 | High frequency secondary rectifier | 1 2 3 4 5 More | STMicroelectronics |
| SBR60A300PT | 60A SBR® Super Barrier Rectifier | 1 2 3 | Diodes Incorporated |
| FR2504 | 25A / 400V FAST RECOVERY RECTIFIER | 1 2 3 | Pan Jit International Inc. |
| UF730 | 5.5A 400V 1.0 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| 1.5KE | 6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 | First Components International |
| STD100NH02L_06 | N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FST6310L | SCHOTTKY DIODES MODULE TYPE 60A | 1 2 | TRANSYS Electronics Limited |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|