|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KW1-431 - LED Numeric Display Single Digit (0.43") - Lucky Light Electronic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LA-601 | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| KW1-301 | LED Numeric Display Single Digit 0.30 | 1 | Lucky Light Electronic |
| KW1-302 | LED Numeric Display Single Digit 0.30" | 1 | Lucky Light Electronic |
| KW1-303 | LED Numeric Display Single Digit 0.30" | 1 | Lucky Light Electronic |
| KW1-361 | LED Numeric Display Single Digit 0.36" | 1 | Lucky Light Electronic |
| KW1-391 | LED Numeric Display Single Digit 0.39 | 1 | Lucky Light Electronic |
| KW1-401 | LED Numeric Display Single Digit 0.40 | 1 | Lucky Light Electronic |
| SC10-21SRWA | 25.4mm 1.0 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SA04-12EWA | 10.16mm 0.4INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC43-13EWA | 10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 |
Link URL |
|
|