|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KW1-401 - LED Numeric Display Single Digit (0.40) - Lucky Light Electronic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LA-601 | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| KW1-301 | LED Numeric Display Single Digit 0.30 | 1 | Lucky Light Electronic |
| KW1-302 | LED Numeric Display Single Digit 0.30" | 1 | Lucky Light Electronic |
| KW1-303 | LED Numeric Display Single Digit 0.30" | 1 | Lucky Light Electronic |
| KW1-361 | LED Numeric Display Single Digit 0.36" | 1 | Lucky Light Electronic |
| KW1-391 | LED Numeric Display Single Digit 0.39 | 1 | Lucky Light Electronic |
| SA10-21SRWA | 25.4mm 1.0 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SA08-21EWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SA05-11GWA | 12.7mm 0.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC52-11SRWA | 13.2mm 0.52INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 |
Link URL |
|
|