|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP4424GM - N-CHANNEL ENHANCEMENT MODE POWER MOSFET - Advanced Power Electronics Corp. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| G138K | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
| G2308E | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
| GE60N03 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 | GTM CORPORATION |
| GE630 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 | GTM CORPORATION |
| GI15T03 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
| GI85T03 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
| GJ9T18 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
| GJ70N03 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 | GTM CORPORATION |
| GL2306A | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|