|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
18N60-T47-T - POLARHV HIPERFET POWER MOSFET - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IXTA8N50P | PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated | 1 2 3 4 5 | IXYS Corporation |
| IXFK48N60P | PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode | 1 2 3 4 | IXYS Corporation |
| IXFH150N15P | PolarHT⢠HiPerFET Power MOSFET | 1 2 3 4 5 | IXYS Corporation |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| STF20NM50D | N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh⢠Power MOSFET with FAST DIODE | 1 2 3 4 5 More | STMicroelectronics |
| LME49830 | Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute | Coming Soon | National Semiconductor |
| IRFP360PBF | HEXFET® Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRLBL1304 | HEXFET® Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRL8113PBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRFR1205PBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 |
Link URL |
|
|