|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDPF24N40 - N-Channel MOSFET 400V, 24A, 0.175Ω - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STD20NF06L | N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD20NF06 | N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET TM II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQP6N40 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA24N50 | N-Channel MOSFET 500V 24A 0.19Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| UF730 | 5.5A 400V 1.0 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| UF740 | 10A 400V 0.55 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| FDD3N40 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP6N40CF_06 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA24N40F | N-Channel MOSFET FRFET 400V 23A 0.19Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| 2SK2688-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|