|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDD8447L_08 - 40V N-Channel PowerTrench® MOSFET 40V, 50A, 8.5mΩ - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDP8447L | N-Channel PowerTrench® MOSFET 40V 50A 8.7mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD8453LZ | N-Channel PowerTrench® MOSFET 40V 50A 6.7mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD8444_06 | N-Channel PowerTrench® MOSFET 40V 50A 5.2m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD8445_07 | N-Channel PowerTrench® MOSFET 40V 50A 8.7mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS4470_06 | 40V N-Channel PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS4672A_07 | 40V N-Channel PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMS8674 | N-Channel PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB8443 | N-Channel PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS8878_07 | N-Channel PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS4070N7_04 | 40V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|