|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDD5N50U - N-Channel MOSFET, FRFET 500V, 3A, 2.0Ω - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDH45N50F_0605 | 500V N-Channel MOSFET FRFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB12N50F | N-Channel MOSFET FRFET 500V 11.5A 0.7Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB12N50U | N-Channel MOSFET FRFET 500V 10A 0.8Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD5N50F | N-Channel MOSFET FRFET 500V 3.5A 1.55Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP20N50F | N-Channel MOSFET FRFET 500V 20A 0.26Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP5N50F | N-Channel MOSFET FRFET 500V 4.5A 1.55Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| STW26NM50 | N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FDP12N50 | N-Channel MOSFET 500V 11.5A 0.65Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA20N50F | N-Channel MOSFET 500V 22A 0.26Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP13N50CF | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|