|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDB12N50U - N-Channel MOSFET, FRFET 500V, 10A, 0.8Ω - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDH45N50F_0605 | 500V N-Channel MOSFET FRFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB12N50F | N-Channel MOSFET FRFET 500V 11.5A 0.7Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP20N50F | N-Channel MOSFET FRFET 500V 20A 0.26Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP5N50F | N-Channel MOSFET FRFET 500V 4.5A 1.55Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA20N50_07 | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| STD4NC50_07 | N-CHANNEL 500V - 1.3W - 3.7A DPAK/IPAK PowerMeshâ¢II MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FDP12N50F | N-Channel MOSFET 500V 11.5A 0.7Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| STW26NM50 | N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FDP12N50 | N-Channel MOSFET 500V 11.5A 0.65Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA20N50F | N-Channel MOSFET 500V 22A 0.26Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|