|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDB024N06 - N-Channel PowerTrench® MOSFET 60V, 265A, 2.4mΩ - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDC5612_04 | 60V N-Channel PowerTrench® MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD5690_02 | 60V N-Channel PowerTrench® MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDP038AN06A0_05 | N-Channel PowerTrench® MOSFET 60V 80A 3.8m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB20AN06A0 | N-Channel PowerTrench® MOSFET 60V 45A 20m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| PJD15N06L | 60V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| ZXMN6A11Z_06 | 60V SOT89 N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| 2N7002KW | 60V N-Channel Enhancement Mode MOSFET - ESD Protected | 1 2 3 4 5 | Pan Jit International Inc. |
| FDB045AN08A0_06 | N-Channel PowerTrench® MOSFET 75V 80A 4.5mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMS8674 | N-Channel PowerTrench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDPF3860T | N-Channel PowerTrench® MOSFET 100V 20A 38.2mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|