|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FGA70N30T - 300V, 70A PDP IGBT - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FGPF70N30 | 300V 70A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGA90N30D | 300V PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGPF90N30 | 300V 90A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGPF30N30D | 300V 30A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGPF50N30T | 300V 50A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRGP4055PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4065DPBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4065PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4086PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4085DPBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|