|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FGPF50N30T - 300V, 50A PDP IGBT - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FGA90N30D | 300V PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGPF70N30 | 300V 70A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGPF90N30 | 300V 90A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGPF30N30D | 300V 30A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| STGE50NC60VD | N-channel 50A - 600V - ISOTOP Very fast PowerMESTM IGBT | 1 2 3 4 5 More | STMicroelectronics |
| STGE50NC60WD | N-channel 50A - 600V - ISOTOP Ultra fast switching PowerMESHTM IGBT | 1 2 3 4 5 More | STMicroelectronics |
| 7MBR50UB120 | IGBT MODULE U series 1200V / 50A / PIM | 1 2 3 4 5 More | Fuji Electric |
| 7MBR50U2A060 | IGBT MODULE U series 600V / 50A / PIM | 1 2 3 4 5 More | Fuji Electric |
| 6MBP50RJ120 | IGBT IPM R-series 1200V class 1200V / 50A 6 in one-package | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| IRGB4065PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|