|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FGFP45N45TTU - 450V, 45A PDP Trench IGBT - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FGPF30N45T | 450V 30A PDP Trench IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRGI4055PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGI4085PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4055PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4065DPBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4065PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4086PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGP4085DPBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| IRGB4065PBF | PDP TRENCH IGBT | 1 2 3 4 5 More | International Rectifier |
| APTGT30H60T3G | Full - Bridge Trench + Field Stop IGBT Power Module | 1 2 3 4 5 | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|