|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FGH80N60FD2 - 600V, 80A Field Stop IGBT - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FGH80N60FD | 600V 80A Field Stop IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGH60N60SF | 600V 60A Field Stop IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGH60N60SFD | 600V 60A Field Stop IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| FGH60N60UFD | 600V 60A Field Stop IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| APT75GT120JU2 | Boost chopper Trench + Field Stop IGBT | 1 2 3 4 5 More | Microsemi Corporation |
| APTGT50DH60TG | Asymmetrical - Bridge Trench + Field Stop IGBT Power Module | 1 2 3 4 5 | Microsemi Corporation |
| APTGT50TDU170PG | Triple Dual Common Source Trench + Field Stop IGBT Power Module | 1 2 3 4 5 | Microsemi Corporation |
| APTGT100A120TG | Phase leg Fast Trench + Field Stop IGBT Power Module | 1 2 3 4 5 | Microsemi Corporation |
| APTGT100H170G | Full - Bridge Trench + Field Stop IGBT Power Module | 1 2 3 4 5 | Microsemi Corporation |
| APTGT150DU120TG | Dual common source Fast Trench + Field Stop IGBT Power Module | 1 2 3 4 5 | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|