|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AMS2930 - 150mA LOW DROPOUT VOLTAGE REGULATOR - Advanced Monolithic Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TS2950_07 | 150mA Ultra Low Dropout Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| AMS3101 | 150mA LOW DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 | Advanced Monolithic Systems |
| SPX1121_05 | 150mA Low Dropout Voltage Regulator | 1 2 3 4 5 More | Sipex Corporation |
| SPX2930_05 | 150mA Low Dropout Voltage Regulator | 1 2 3 4 5 More | Sipex Corporation |
| B1117 | 1.0Amp Low Dropout Voltage Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| UR132_05 | 200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR | 1 2 3 4 | Unisonic Technologies |
| NCP5661 | Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable | 1 2 3 4 5 More | ON Semiconductor |
| G5U2189 | 1.55A CMOS Low Dropout Voltage Regulator | 1 2 3 4 5 More | GTM CORPORATION |
| IRU1502-33 | MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR | 1 2 3 4 5 More | International Rectifier |
| AME1117_07 | 1A Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Analog Microelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|