|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TC3947 - 0.5W Packaged Single-Bias PHEMT GaAs Power FETs - Transcom, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TC3879 | 7 W Packaged Single-Bias PHEMT GaAs Power FETs | 1 2 | Transcom, Inc. |
| TC2676 | 2 W Low-Cost Packaged PHEMT GaAs Power FETs | 1 2 3 | Transcom, Inc. |
| TC2696 | 2 W Flange Ceramic Packaged PHEMT GaAs Power FETs | 1 2 | Transcom, Inc. |
| TC3921 | Low - Cost Single-Bias Medium Power PHEMT GaAs FETs | 1 2 3 | Transcom, Inc. |
| TC3943 | 0.5W Single-Bias and Prematched GaAs Power PHEMTs using SMT package | 1 2 | Transcom, Inc. |
| TC3911 | Low-Cost Single-Bias Low Noise PHEMT GaAs FETs | 1 2 3 | Transcom, Inc. |
| TC2182 | Low Noise Ceramic Packaged PHEMT GaAs FETs | 1 2 3 4 | List of Unclassifed Manufacturers |
| CFC0301_06 | Medium Power GaAs FETs | 1 2 | Mimix Broadband |
| MGA-412P8 | GaAs Enhancement-mode pHEMT Power Amplifier optimized for IEEE 802.11b/g applications | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| TC1101 | Low Noise and Medium Power GaAs FETs | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 |
Link URL |
|
|