|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TC3943 - 0.5W Single-Bias and Prematched GaAs Power PHEMTs using SMT package - Transcom, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AMMP-6430 | 27-32 GHz 0.5W Power Amplifier in SMT Package | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| AN1580 | MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE | 1 2 3 4 | Motorola, Inc |
| AMMP-6425 | 18-28 GHz 1W Power Amplifier in SMT Package | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| AMMP-6222 | 7 to 21 GHz GaAs High Linearity LNA in SMT Package | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| ASDL-4360 | High Power and High Speed Infrared Emitter 885nm in PLCC-2 Package | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| TC1101 | Low Noise and Medium Power GaAs FETs | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| HMC283LM1_06 | SMT MEDIUM POWER GaAs MMIC AMPLIFIER 17 - 40 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| NE960R575_01 | 0.5W X Ku-BAND POWER GaAs FET | 1 2 3 | NEC |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|