|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ASHK - 32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ASFLK | 32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASFLK_08 | 32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASPE | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 | Abracon Corporation |
| ALD_2 | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| ABNM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 | Abracon Corporation |
| ASF1_08 | 5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| ASVK | CERAMIC SMD CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ABFM_08 | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR | 1 2 3 | Abracon Corporation |
| ABVFM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 | Abracon Corporation |
| ABFM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR | 1 2 3 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|