|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP5S - HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR - Abracon Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP5S | HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| AP7S | HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| ASLV | 5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR | 1 | Abracon Corporation |
| ASEP | HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| 2775Y | Crystal Clock Oscillator Programmable Type | 1 | NIHON DEMPA KOGYO |
| ASV25XXIY | HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR | 1 | Abracon Corporation |
| ASE2 | 2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| ASE3 | 1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| ASV | 3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|