|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AL-50-30SUG5C - 5mm High Power LED Lamps - A-BRIGHT Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| AL-50-30SUB5C | 5mm High Power LED Lamps | 1 2 3 4 5 More | A-BRIGHT Inc |
| AL-30-01SUR5C | 3mm High Power LED Lamps | 1 2 3 4 5 More | A-BRIGHT Inc |
| MVL-514TUOL | HIGH POWER AllnGaP LED Lamps | 1 2 | Unity Opto Technology |
| AL-30-01IRC-850-70 | 3 mm High Power LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| MVL-504UYL | HIGH POWER AlInGaP LED LAMPs | 1 2 | Unity Opto Technology |
| AL-31-01IRC-850-40 | 3 mm High Power LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| MVL-504UOL | HIGH POWER AlInGaP LED LAMPs | 1 2 | Unity Opto Technology |
| AL-31-15IRC-850 | 3 mm High Power LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|