|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZTHI53W - 1.6x0.8mm INFRARED EMITTING DIODE - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| APT1608SF4C | 1.6x0.8mm INFRARED EMITTING DIODE | 1 2 3 4 5 | Kingbright Corporation |
| APT1608SF4C_0706 | 1.6x0.8mm INFRARED EMITTING DIODE | 1 2 3 4 5 | Kingbright Corporation |
| APT1608F3C | 1.6x0.8mm INFRARED EMITTING DIODE | 1 2 3 4 5 | Kingbright Corporation |
| APT1608F3C_0706 | 1.6x0.8mm INFRARED EMITTING DIODE | 1 2 3 4 5 | Kingbright Corporation |
| TSFF5510 | High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero | 1 2 3 4 5 More | Vishay Siliconix |
| TSHF5410 | High Speed Infrared Emitting Diode in T-1 3/4 Package | 1 2 3 4 5 More | Vishay Siliconix |
| CQY37N_06 | GaAs Infrared Emitting Diode in Miniature T-4/3 Package | 1 2 3 4 5 More | Vishay Siliconix |
| OP250 | Infrared Light Emitting Diode | 1 2 3 | OPTEK Technologies |
| IR958-8P | 1.6mm Side Looking Infrared Emitting Diode | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| TSFF5210 | High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|