|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
521-9450_1 - 5mm Discrete LED 3 Leaded, Non-Tinted, Diffused - Dialight Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 521-9478 | 3mm Discrete LED Bi-Color Non-Tinted Diffused | 1 | Dialight Corporation |
| 521-9320 | 5mm Discrete LED Low Current 2mA Diffused | 1 | Dialight Corporation |
| NTE3018 | Light Emitting Diode LED Red Diffused 5mm | 1 2 | NTE Electronics |
| NTE3019 | Light Emitting Diode LED Red Diffused 5mm | 1 2 | NTE Electronics |
| 521-9173 | 5mm DISCRETE LED LOW PROFILE DUFFUSED | 1 | Dialight Corporation |
| 521-9324 | 3mm Discrete LED Low Current Diffused | 1 | Dialight Corporation |
| BLF052SURC-E12V | 5mm FLANGE BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| BLFA054SYCK-12V | 5mm FLANGE BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| WP59CB-GYW | T-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR | 1 2 3 4 5 | Kingbright Corporation |
| WP150A9VS-EGW | T-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 |
Link URL |
|
|