|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
APT4F120K - N-Channel FREDFET 1200V, 4A, 4.60Ω Max, - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| APT26F120B2 | N-Channel FREDFET 1200V 26A 0.65Ω Max trr â¤335ns | 1 2 3 4 | Microsemi Corporation |
| APT29F100L | 1000V 29A 0.46Ω Max trr â¤270ns N-Channel FREDFET | 1 2 3 4 | Microsemi Corporation |
| APT14F100B | N-Channel FREDFET 1000V 14A 1.00Ω Max trr â¤240ns | 1 2 3 4 | Microsemi Corporation |
| APT17F100B | N-Channel FREDFET 1000V 17A 0.80Ω Max trr â¤245ns | 1 2 3 4 | Microsemi Corporation |
| APT41H50B | N-Channel Ultrafast Recovery FREDFET | 1 2 3 4 | Microsemi Corporation |
| APT42F50B | N-Channel FREDFET | 1 2 3 4 | Microsemi Corporation |
| STGD7NB120S-1_0008 | N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| APT56F50B2 | N-Channel FREDFET | 1 2 3 4 | Microsemi Corporation |
| STGW30NC120HD_0710 | N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| APT22F120B2 | N-Channel FREDFET | 1 2 3 4 | Microsemi Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|