|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L7915CV - Negative voltage regulators - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TA79L05F_06 | Three-Terminal Negative Voltage Regulators | 1 2 3 4 5 More | Toshiba Semiconductor |
| L7905AC_08 | 2 % negative voltage regulators | 1 2 3 4 5 More | STMicroelectronics |
| GE79XXA | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| TA79L005P_06 | Three-Terminal Negative Voltage Regulators | 1 2 3 4 5 More | Toshiba Semiconductor |
| GI79XX | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| TA79005SB_07 | Output Current of 1A Three-Terminal Negative Voltage Regulators | 1 2 3 4 5 More | Toshiba Semiconductor |
| MC79M00 | 500 mA Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| GI79XXA | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| L79LXXAB | Negative voltage regulators | 1 2 3 4 5 More | STMicroelectronics |
| MC79L00_06 | 100 mA Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|