|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BTW69-1200 - 50A SCRS - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| C5020 | 50A AVALANCHE AUTOMOTIVE CELL DIODE | 1 2 | Won-Top Electronics |
| 7MBP50TEA120 | Econo IPM series 1200V / 50A 7 in one-package | 1 2 3 4 5 More | Fuji Electric |
| STB55NF06_06 | N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET⢠II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| TN8_06 | 8A SCRS | 1 2 3 4 5 More | STMicroelectronics |
| STD50NH02L_06 | N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| GBPC50 | 50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| DBA500G | Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier | 1 2 3 | Sanyo Semicon Device |
| SSR050D060 | 600V 50A Solid State DC Contactor | 1 2 3 4 5 More | Sensitron |
| X006 | 0.8 A sensitive gate SCRs | 1 2 3 4 5 More | STMicroelectronics |
| STE50DE100_07 | Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|