|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TS4041 - 1.225V micropower shunt voltage reference - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM4041 | 1.225V Precision micropower shunt voltage reference | 1 2 3 4 5 More | Zetex Semiconductors |
| TS821_07 | 1.225V micropower shunt voltage reference | 1 2 3 4 5 More | STMicroelectronics |
| LM4040_07 | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| ADR1581 | 1.25 V Micropower Precision Shunt Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| LM4040_08 | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| LM4041_07 | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| NJM2825 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 | New Japan Radio |
| LM4040_05 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| LM4051_05 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| TS822_07 | 2.5V micropower shunt voltage reference | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|