|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TDA8133D - 5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KKA8133A | DUAL +5.1V +8V REGULATOR WITH DISABLE AND RESET | 1 2 3 4 | KODENSHI KOREA CORP. |
| KKA8137 | DUAL 5.1V REGULATOR WITH DISABLE AND RESET | 1 2 3 4 | KODENSHI KOREA CORP. |
| KKA8138A | 5.1V +12V REGULATOR WITH DISABLE AND RESET | 1 2 3 4 | KODENSHI KOREA CORP. |
| PCA9545A | 4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS | 1 2 3 4 5 More | Texas Instruments |
| NCV8518A | Low Dropout Linear Regulator with Watchdog Wake Up RESET and ENABLE | 1 2 3 4 5 More | ON Semiconductor |
| CS2001 | 1.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET | 1 2 3 4 5 More | ON Semiconductor |
| NCV4269_07 | 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output | 1 2 3 4 5 More | ON Semiconductor |
| NCV8141_06 | 5.0 V 500 mA Linear Regulator with ENABLE RESET and Watchdog | 1 2 3 4 5 More | ON Semiconductor |
| CS8101 | Micropower 5.0 V 100 mA Low Dropout Linear Regulator with RESET and ENABLE | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|