Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH806 Datasheet (PDF) - STMicroelectronics

STTH806 Datasheet PDF - STMicroelectronics
Part # STTH806
Download  STTH806 Download

File Size   131.64 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Turbo 2 ultrafast - high voltage rectifier

STTH806 Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH806 Datasheet PDF - STMicroelectronics

Part # STTH806
Download  STTH806 Click to download

File Size   131.64 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Turbo 2 ultrafast - high voltage rectifier

STTH806 Datasheet (HTML) - STMicroelectronics

STTH806 Datasheet HTML 1Page - STMicroelectronics STTH806 Datasheet HTML 2Page - STMicroelectronics STTH806 Datasheet HTML 3Page - STMicroelectronics STTH806 Datasheet HTML 4Page - STMicroelectronics STTH806 Datasheet HTML 5Page - STMicroelectronics STTH806 Datasheet HTML 6Page - STMicroelectronics STTH806 Datasheet HTML 7Page - STMicroelectronics STTH806 Datasheet HTML 8Page - STMicroelectronics STTH806 Datasheet HTML 9Page - STMicroelectronics

STTH806 Product details

Description
The STTH806 uses ST Turbo2 600 V technology. This device is specially suited for use in switching power supplies, and industrial applications.

Features and benefits
■ Ultrafast switching
■ Low reverse current
■ Low thermal resistance
■ Reduces conduction and switching losses
■ Insulated package TO-220AC Ins
   – Insulated voltage: 2500 VRMS
   – Typical package capacitance: 7 pF




Similar Part No. - STTH806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806 STMICROELECTRONICS-STTH806 Datasheet
58Kb / 5P
   TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
logo
Zibo Seno Electronic En...
STTH806D ZSELEC-STTH806D Datasheet
100Kb / 2P
   8.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
68Kb / 6P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
More results


Similar Description - STTH806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com