|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K4MD2BBA12SGW85 - 28mmX28mm LED CLUSTER - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BL0709-18-76 | 28mmX28mm LED CLUSTER | 1 2 | Kingbright Corporation |
| BL0508-09-73 | 22mm x 22mm LED CLUSTER | 1 2 | Kingbright Corporation |
| R6C-AR1S1B | Chip LED with Right Angle Lens | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| NUD4011 | Low Current LED Driver | 1 2 3 4 5 More | ON Semiconductor |
| 31-01-R3C-ARTC-AM | 3mm POWER LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| TLN107A | INFRARED LED GaAS INFRARED EMITTER | 1 2 3 4 | Toshiba Semiconductor |
| 39-06-Y5C-APRC | Side Emitting POWER LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| SEL1013 | 5phi Inverted-cone LED for surface illumination | 1 | Sanken electric |
| T3D-CP2Q2TY | Chip LED 0.45mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| SEL4026 | 2x4 Rectangular LED Direct Mount | 1 | Sanken electric |
Datasheet Page |
1 2 3 |
Link URL |
|
|