|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DUY127C-A - 127mm (5.0) SEVEN SEGMENT DISPLAY - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DMR127A-A | 127mm 5.0 SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DMR127C-A | 127mm 5.0 SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUG127A-A | 127mm 5.0 SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUY127A-A | 127mm 5.0 SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUR127A-A | 127mm 5.0â SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUR127C-A | 127mm 5.0â SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUG127C-A | 127mm 5.0â SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| LDT-M514RI | TRIPLE DIGT SEVEN SEGMENT DISPLAY RED COMMON ANODE | 1 | List of Unclassifed Manufacturers |
| SA56-21EWA | 14.2mm 0.56INCH SEVEN SEGMENT DISPLAY | 1 2 3 4 | Kingbright Corporation |
| HDSP-B0XE | 18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|