|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DUY38C - 38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DMR38C | 38.1mm 1.5 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUG38A | 38.1mm 1.5 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUG38C | 38.1mm 1.5 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DUY38A | 38.1mm 1.5 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DMR38A | 38.1mm 1.5 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | SunLED Corporation |
| DURG38C | 38.1mm 1.5" SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 More | SunLED Corporation |
| SC15-11YWA | 38.1mm 1.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC15-11SRWA | 38.1mm 1.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC15-11GWA | 38.1mm 1.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC15-11EWA | 38.1mm 1.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|