|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3B-850A - TYPICAL OPERATIONG CONDITIONS - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TMPG06-43A | Automotive Transient Voltage Suppressors High Temperature Stability & High Reliability Conditions | 1 2 3 4 5 | Vishay Siliconix |
| TPSMA43A | Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions | 1 2 3 4 5 | Vishay Siliconix |
| IRF6643TRPBF | DirectFET Power MOSFET - Typical value unless otherwise specified | 1 2 3 4 5 More | International Rectifier |
| NTLJF3117P_1 | Typical Uses for FETKY Devices | 1 2 | ON Semiconductor |
| SDR9JF | 9.0 AMPS 600 - 1000 VOLTS 250 ns typical FAST RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| KK1517 | TYPICAL APPLICATION CIRCUIT | 1 2 | KODENSHI KOREA CORP. |
| VTD170 | +85 °C to -40 °C 10 times ±5 % typical resistance change | 1 2 | Littelfuse |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|