![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
GB20NB32LZ - N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT - STMicroelectronics |
|
Click Here View GB20NB32LZ Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STGP7NB60KD | N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT | STMicroelectronics |
| STGE200NB60S | N-CHANNEL 150A - 600V - ISOTOP PowerMESH˘â IGBT | STMicroelectronics |
| STGP3NB60K | N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT | STMicroelectronics |
| DIM200WLS12-A000 | IGBT Chopper Module - Lower Arm Control | Dynex Semiconductor |
| 2ED020I12-F | Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules | eupec GmbH |
| IRG4PH30KPBF | INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT | International Rectifier |
| NTD4815NH | Power MOSFET 30 V 35 A Single N-Channel DPAK/IPAK | ON Semiconductor |
| GF6968A | Common-Drain Dual N-Channel MOSFET | General Semiconductor |
| 2SK296 | SILICON N-CHANNEL MOS FET HIGH SPEED POWER SWITCHING | Hitachi Semiconductor |
| STP80NF06 | N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| GB20NB32LZ Datasheet | GB20NB32LZ Cross Reference | GB20NB32LZ Schematic | GB20NB32LZ Distributor | GB20NB32LZ Datenblatt | GB20NB32LZ RoHS |
| GB20NB32LZ Equivalent | GB20NB32LZ Application Notes | GB20NB32LZ Data Sheet | GB20NB32LZ component | GB20NB32LZ Fiche Technique | GB20NB32LZ Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |