|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DMR06C - 8mm (0.32”) SINGLE DIGIT NUMERIC DISPLAY - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DMR06A | 8mm 0.32 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| DMR06C-1 | 8mm 0.32 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| SA08-11YWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC56-21YWA | 14.2mm 0.56INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC40-19YWA | 100mm 4.0INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC39-11EWA | 9.9mm 0.39INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC15-11YWA | 38.1mm 1.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SA10-21GWA | 25.4mm 1.0 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SA18-11YWA | 44.5mm 1.75INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC05-11EWA | 12.7mm 0.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|