|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DMR06C-1 - 8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DMR06A | 8mm 0.32 SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| SA08-11EWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC40-19SRWA | 100mm 4.0INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC36-11YWA | 9.14mm 0.36INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC15-11SRWA | 38.1mm 1.5INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SA10-21YWA | 25.4mm 1.0 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SA23-11EWA | 57mm 2.3INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| SC04-12YWA | 10.16mm 0.4INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SBA23-11EGWA | 56.9mm 2.3INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 More | Kingbright Corporation |
| SA43-13EWA | 10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|