|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DMR20C - 20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY - SunLED Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DMR20A-B | 20.32mm 0.8" SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| DMR20A | 20.32mm 0.8" SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| DMR20C-B | 20.32mm 0.8" SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| SA08-13EWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC08-13EWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| SA08-12YWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SC08-12YWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| DMR20A-1 | 20.32mm 0.8â SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| AUY20A | 20.32mm 0.8" 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
| SA08-12SRWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|