|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STE180NE10 - N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STE180N10 | N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STE250NS10 | N-CHANNEL 100V - 0.0045 W - 220A ISOTOP STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STN1NF10 | N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| 2N6796 | 8A 100V 0.180 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| HUF76619D3 | 18A 100V 0.087 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| RFP150N | 44A 100V 0.030 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| STD10NF10 | N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| BUZ20 | 12A 100V 0.200 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| HUF76629D3 | 20A 100V 0.054 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|