|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
STD60NF55L - N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET¢â II POWER MOSFET - STMicroelectronics |
|
Click STD60NF55L to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STD60NF3LL | N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET¢â II POWER MOSFET | STMicroelectronics |
| STD90NH02L | N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET¢â III POWER MOSFET | STMicroelectronics |
| STD100NH02L | N-channel 24V - 0.0042§Ù - 60A - DPAK - IPAK STripFET¢â II Power MOSFET | STMicroelectronics |
| STD100NH03L | N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET¢â III POWER MOSFET | STMicroelectronics |
| STD60NF06 | N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET¢â II POWER MOSFET | STMicroelectronics |
| STW240NF55 | N-CHANNEL 55V - 0.0027 §Ù - 120A TO-247 STripFET¢â II POWER MOSFET | STMicroelectronics |
| STD10NF10 | N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET¢â II POWER MOSFET | STMicroelectronics |
| STD20NF10 | N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET¢â II POWER MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| STD60NF55L Datasheet | STD60NF55L Cross Reference | STD60NF55L Schematic | STD60NF55L Distributor | STD60NF55L Datenblatt | STD60NF55L RoHS |
| STD60NF55L Equivalent | STD60NF55L Application Notes | STD60NF55L Data Sheet | STD60NF55L component | STD60NF55L Fiche Technique | STD60NF55L Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |